PART |
Description |
Maker |
EVAL-AD5532EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-3 |
32-Channel 14-Bit Bipolar Voltage-Output DAC SERIAL INPUT LOADING, 14-BIT DAC, PBGA74 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode 32-Channel Voltage-Output 14-bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
AD5541AR-REEL7 AD5541CRZ-REEL7 AD5541ARZ-REEL7 AD5 |
16-Bit Voltage-Output DAC in SO-8 Package SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX547AEQH-D MAX5443BCUA MAX5444BCUBT MAX5361PEUKT |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
AD5541 AD5541AR AD5541BR AD5541CR AD5541JR AD5541L |
16-Bit Voltage-Output DAC in SO-8 Package 16-Bit Bipolar-Voltage-Output DAC with Kelvin Sensing 5 V, Serial-Input Voltage-Output, 16-Bit DACs 5 V/ Serial-Input Voltage-Output/ 16-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
5962-3829402MZX 5962-3829412MZX 5962-3829422MZX 59 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface x8 SRAM x8的SRAM
|
Xantrex Technology, Inc. TE Connectivity, Ltd. Atmel, Corp. Infineon Technologies AG Vishay Intertechnology, Inc. Electronic Theatre Controls, Inc. Littelfuse, Inc. Maxwell Technologies, Inc Molex, Inc. Ecliptek, Corp. Vicor, Corp.
|
MAX5250AEAP MAX7645ACWPT MX566AJN MX565AJN MAX5702 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface CMOS 12-Bit Buffered Multiplying DACs PARALLEL, WORD INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24 PARALLEL, WORD INPUT LOADING, 0.15 us SETTLING TIME, 12-BIT DAC, PDIP24 Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
|